PART |
Description |
Maker |
KA5M0380RYDTU KA5M0365RTU KA5L0365RYDTU KA5L0365RN |
Microprocessor Development Tool; Interface Type:Serial; Kit Contents:Development Board with MC68HC908GP32 CPU, MON08 Debug Port, 32K Flash, 512 Bytes RAM ; For Use With:MC68HC908GP32; Memory Organization - Flash:32 KB Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PZFM4 Fairchild Power Switch(FPS) 3 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 飞兆半导体功率开关(FPS
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
STRS6513 STR-S6513 STRBS6513 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR ? WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
|
Sanken Electric Co.,Ltd. Allegro MicroSystems, Inc.
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
FS6S1265RB FS6S FS6S0965RT FS6S1265RE-YDTU FS6S126 |
Fairchild Power Switch(FPS) 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PZFM5 48 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SIC402A SIC402ACD-T1-GE3 SIC402BCD SIC402BCD-T1-GE |
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
BD9120HFN BD9106FVM BD9106FVM09 BD9107FVM BD9109FV |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
MC33363BDWG |
High Voltage Switching Regulator 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
2SC4073 |
Isolated Flyback Switching Regulator with 9V Output 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|